|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Unity Opto Technology Co., Ltd. MVL-311GH MVL-311YH MVL-311HRH MVL-311DRH MVL-311URH Description The MVL-311xxH series package are T-1 (3mm) standard color diffused plastic lens package. The Hi-EFF red (HR) and yellow LED chips are made with Gallium Arsenide Phosphide on Gallium Phosphide diode. The green LED chip is made with Gallium Phosphide on Gallium Phosphide diode. The red (DR) chip is made with Aluminum Gallium Arsenide on Gallium Arsenide diode. The red (UR) chip is made with Aluminum Gallium Arsenide on Aluminum Gallium Arsenide diode. Package Dimensions 3.20 (.126) 3.00 (.118) Unite: mm ( inches ) 4.45 (.175) 1.00 (.040) 3.20 (.126) 1.40 (.055 Applications l l 25.4 MIN. (1.00) 0.50 TYP. (.020) 1.00 MIN. (.040) 2.54 (.100) A C Popular T-1 (3mm) diameter package Selected minimum intensities l General purpose leads l Reliable and rugged Absolute Maximum Tatings Parameter Power Dissipation Peak Forward Current (1/10 Duty Cycle 0.1ms pulse width) Continuous Forward Current Derating Linear From 25oC Reverse Voltage Operating Temperature Range Storage Temperature Range NOTES : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059'') max. 3. Lead spacing is measured where the leads emerge from the package. Symbol Pad Ipf Iaf VR Topr Tstg Maximum Rating GREEN YELLOW HR DR/UR Unit mW A mA/oC mA V 100 120 30 0.4 5 60 80 20 0.25 5 100 120 30 0.4 5 -55oC to + 100oC -55oC to + 100oC 100 120 40 0.5 5 Lead Soldering Temperature (1.6mm from body) for 3 seconds at 260oC P1 Optical -Electrical Characteristics Part No. : MVL-311GH Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=10mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 3.0 Typ . 15 2.1 565 30 45 @TA=25oC Max . Unit . mcd 2.8 V 100 A nm nm deg @TA=25oC Max . Unit . mcd 2.8 V 100 A nm nm deg @TA=25oC Max . Unit . mcd 2.8 V 100 A nm nm deg @TA=25oC Max . Unit . mcd 2.4 V 100 A nm nm deg @TA=25oC Max . Unit . mcd 2.4 V 100 A nm nm deg Part No. : MVL-311YH Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=10mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 2.0 Typ . 7.0 2.1 585 35 45 Part No. : MVL-311HRH Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=10mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 2.5 Typ . 9.0 2.0 640 40 45 Part No. : MVL-311DRH Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 10 Typ . 40 1.8 660 20 50 Part No. : MVL-311URH Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR p 21/2 Min . 20 Typ . 80 1.8 660 20 50 P2 Typical Optical-Electrical Characteristic Curves 1 Relative Luminous Intensity GY HR DR/UR 50 DR/UR HR Y G Forward Current IF(mA) 500 550 600 650 700 750 40 30 20 10 0 0.8 1.2 1.6 2.0 2.4 2.8 0.5 0 Wavelength (nm) Fig 1. RELATIVE LUMINOUS INTENSITY VS. WAVELENGTH 50 40 30 20 10 0 0 20 40 60 80 100 DR/UR G/HR Y Forward Voltage (V) Fig 2. FORWARD CURRENT VS. FORWARD VOLTAGE 5.0 Relative Luminous Intensity 4.0 3.0 2.0 1.0 0.0 0 10 20 30 40 50 Forward Current IF (mA) Ambient Temperature (oC) Fig 3. FORWARD CURRENT VS. AMBIENT TEMPERATURE 10 Relative Luminous Intensity Relative Luminous Intensity Forward Current IF (mA) Fig 4. RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT 0o 10o 20o 30o 40o 1.0 0.9 0.8 50o 60o 70o 80o 90o 0.5 0.3 0.1 0.2 0.4 0.6 1 0.1 -30 -20 -10 0 10 20 30 40 50 60 70 Ambient Temperature (oC) Fig 5. RELATIVE LUMINOUS INTENSITY VS. AMBIENT TEMPERATURE Fig 6. RADIATION DIAGRAM P3 |
Price & Availability of 311YH |